Part Number Hot Search : 
MPSA27 MC14070B T24C02 V842ME08 STRRP 28F16 TSS0002 IRLZ24NL
Product Description
Full Text Search
 

To Download 1N4001100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4001 thru 1n4007 document number 88503 25-aug-05 vishay general semiconductor www.vishay.com 1 do-204al (do-41) general purpose plastic rectifier major ratings and characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm 30 a v f 1.1 v i r 5.0 a t j max. 150 c features ? low forward voltage drop ? low leakage current ? high forward surge capability ? solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application. (note: these devices are not q101 qualified. there- fore, the devices specified in this datasheet have not been designed for use in automotive or hi-rel appli- cations.) mechanical data case: do-204al, molded epoxy body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated (e3 suffix) leads, solderable per j-std-002b and jesd22-b102d polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol 1n4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 75 c i f(av) 1.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum full load revers e current, full cycle average 0.375" (9.5 mm) lead length t l = 75 c i r(av) 30 a operating junction and storage temperature range t j , t stg - 50 to + 150 c
www.vishay.com 2 document number 88503 25-aug-05 1n4001 thru 1n4007 vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol 1n4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit maximum instantaneous forward voltage at 1.0 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 5.0 50 a typical junction capacitance at 4.0 v, 1 mhz c j 15 pf parameter symbol 1n4001 1n4002 1n4003 1n4004 1n4005 1n4006 1n4007 unit typical thermal resistance(1) r ja r jl 50 25 c/w figure 1. forward current derating curve 0 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0. 8 1.0 60 hz resisti v e or ind u cti v e load 0.2 x 0.2? (5.0 x 5.0 mm) copper pads 0.375? (9.5 mm) lead length j u nction temperat u re (c) a v erage for w ard rect ified c u rrent ( a) figure 2. maximum non-repetitive peak forward surge current 5.0 10 15 20 25 30 t a = 75 c 8 .3 ms single half sine- w a v e peak for w ard s u rge c u rrent (a) nu m b er of cycles at 60 hz 1 10 100
1n4001 thru 1n4007 document number 88503 25-aug-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 0.01 0.1 1 10 20 t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s for w ard v oltage ( v ) instan taneo u s fo r w ard c u rrent (a) 0 0.01 0.1 1 10 100 60 8 0 100 20 40 1000 t j = 150 c t j = 100 c t j = 25 c percentage of peak re v erse v oltage (%) instan taneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance figure 6. typical trans ient thermal impedance 1 10 100 t j = 25 c f = 1.0 mhz v sig = 50m v p-p re v erse v oltage ( v ) j u nction capa citance (pf) 0.1 1 10 100 0.1 10 100 1 t-p u lse d u ration (sec.) transient thermal impedance (c/ w ) 0.01 0.1 1 10 100 0.107 (2.7) 0.0 8 0 (2.0) 0.034 (0. 8 6) 0.02 8 (0.71) dia. 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) dia. do-204al (do-41) n ote: lead diameter is for s u ffix ?e? part n u m b ers 0.026 (0.66) 0.023 (0.5 8 )
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 1N4001100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X